Part Number Hot Search : 
EL2075 1N3036 6VAQ8F CDRH3D28 HD7420P SLCB43A 1N3050C SKL32ASG
Product Description
Full Text Search
 

To Download B3960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? epcos ag 2013. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without epcos prior express consent is prohibited. saw components saw rf filter short range devices series/type: ordering code: B3960 b39431B3960b210 date: version: may 15, 2013 2.1
2 may 15, 2013 B3960 433.92 mhz please read cautions and warnings and important notes at the end of this document. saw components saw rf filter data sheet application n low-loss rf filter for remote control receivers n balanced and unbalanced operation possible features n package size 2.5 x 2.0 x 0.86 mm 3 n package code dcc6f n rohs compatible n approximate weight 0.014 g n package for s urface m ount t echnology ( smt ) n ni, gold-plated terminals n lead free soldering compatible with j - std20c n passivation layer elpas n aec-q200 qualified component family n e lectrostatic s ensitive d evice ( esd ) top view 1 2 3 6 5 4 bottom view side view 2.5 2.0 0.6 0.5 1.3 0.9 0.6 0.86 pin configuration 1) n 1 input (recommended) or input ground n 6 input ground (recommended) or input n 3 output ground (recommended) or output n 4 output (recommended) or output ground n 2,5 case - ground 1) the recommended pin configuration usually offers best suppression of electrical crosstalk. the filter characteris- tics refer to this configuration. 1 3 4 6 2,5
3 may 15, 2013 B3960 433.92 mhz saw components saw rf filter data sheet please read cautions and warnings and important notes at the end of this document. characteristics temperature range for specification: t = C45 ?c to +95 ?c terminating source impedance: z s =50 w and matching network terminating load impedance: z l =50 w and matching network min. typ. @ 25 ?c max. center frequency f c 433.92 mhz minimum insertion attenuation a min incl. loss in matching elements (q l = 47) 2.3 2.9 db excl. loss in matching elements 1.8 2.4 db pass band (relative to a min ) 433.77 ... 434.07 mhz 0.6 2.0 db 433.75 ... 434.09 mhz 0.8 3.0 db relative attenuation (relative to a min ) a rel 10.00 ... 414.00 mhz 47 52 db 414.00 ... 427.00 mhz 43 48 db 427.00 ... 432.50 mhz 29 34 db 432.50 ... 433.10 mhz 13 17 db 434.92 ... 436.00 mhz 20 25 db 436.00 ... 450.00 mhz 25 30 db 450.00 ... 500.00 mhz 42 47 db 500.00 ... 810.00 mhz 47 52 db 810.00 ... 1500.00 mhz 60 65 db 1500.00 ... 2500.00 mhz 58 63 db impedance for pass band matching 1) 1) impedance for passband matching bases on an ideal, perfect matching of the saw filter to source- and to load impedance (here 50 ohm). after removal of the saw filter the input impedance of the input and output match- ing network is calculated. the conjugate complex value of these characteristic impedances are the input and output impedances for flat passband. for more details we refer to epcos application note #18. input: z in =r in || c in 360 || 1.7 w || pf output: z out =r out || c out 360 || 2.2 w || pf
4 may 15, 2013 B3960 433.92 mhz please read cautions and warnings and important notes at the end of this document. saw components saw rf filter data sheet maximum ratings operable temperature range t C45/+125 ?c storage temperature range t stg C45/+125 ?c dc voltage v dc 6 v source power p s 10 dbm source impedance 50 w
5 may 15, 2013 B3960 433.92 mhz saw components saw rf filter data sheet please read cautions and warnings and important notes at the end of this document. matching network to 50 w (element values depend on pcb layout and equivalent circuit) minimising the crosstalk for a good ultimate rejection a low crosstalk is necessary. low crosstalk can be realised with a good rf layout. the major crosstalk mechanism is caused by the ground-loop problem. grounding loops are created if input-and output transducer gnd are connected on the top-side of the pcb and fed to the system grounding plane by a common via hole. to avoid the common ground path, the ground pin of the input- and output transducer are fed to the system ground plane (bottom pcb plane) by their own via hole. the transducers grounding pins should be isolated from the upper grounding plane. a common gnd inductivity of 0.5nh degrades the ultimate rejection (crosstalk) by 20db. the optimised pcb layout, including matching network for transformation to 50 ohm, is shown here. in this pcb layout the grounding loops are minimised to realise good ultimate rejection optimised pcb layout for saw filters in dcc6f package, pinning 1,4 (top side, scale 1:1) the bottom side is a copper plane (system ground area). the input and output grounding pins are isolated and connected to the common ground by separated via holes. for good contact of the upper grounding area with the lower side it is necessary to place enough via holes. ls1 ls2 cp3 l s1 = 39 nh l s2 = 39 nh c p3 = 1.5 pf
6 may 15, 2013 B3960 433.92 mhz please read cautions and warnings and important notes at the end of this document. saw components saw rf filter data sheet esd protection of saw filters saw filters are e lectro s tatic d ischarge sensitive devices. to reduce the probability of damages caused by esd, special matching topologies have to be applied. in general, esd matching has to be ensured at that filter port, where electrostatic discharge is expected. electrostatic discharges predominantly appear at the antenna input of rf receivers. therefore only the input matching of the saw filter has to be designed to short circuit or to block the esd pulse. below two figures show recommended esd matching topologies. depending on the input impedance of the saw filter and the source impedance, the needed component values have to be determined from case to case. fig. 1 mlc varistor plus esd matching fig. 2 suppressor diode plus esd matching in cases where minor esd occur, following simplified esd matching topologies can be used alternatively. fig. 3 shunt l C series l matching fig. 4 series c C shunt l matching effectiveness of the applied esd protection has to be checked according to relevant industry standards or customer specific requirements. for further information, please refer to epcos application report: esd protection for saw filters . this report can be found under www.epcos.com/rke. click on data sheets and then applications under category further information. lp2 ls3 mlc1 to output matching lp2 ls3 dp1 matchin g to output lp1 ls2 matching to output lp2 cs1 matching to output
7 may 15, 2013 B3960 433.92 mhz saw components saw rf filter data sheet please read cautions and warnings and important notes at the end of this document. transfer function transfer function (wideband)
8 may 15, 2013 B3960 433.92 mhz please read cautions and warnings and important notes at the end of this document. saw components saw rf filter data sheet transfer function (ultimate rejection)
9 may 15, 2013 B3960 433.92 mhz saw components saw rf filter data sheet please read cautions and warnings and important notes at the end of this document. references type B3960 ordering code b39431B3960b210 marking and package c61157-a7-a162 packaging f61074-v8239-z000 date codes l_1126 s-parameters B3960_nb.s2p B3960_wb.s2p see file header for port/pin assignment table. soldering profile s_6001 rohs compatible rohs-compatible means that products are compatible with the requirements according to art. 4 (substance restrictions) of di- rective 2011/65/eu of the european parliament and of the council of june 8 th , 2011, on the restriction of the use of certain hazardous substances in electrical and electronic equipment ("directive") with due regard to the application of exemptions as per annex iii of the directive in certain cases. matching coils see inductor pdf-catalog http:// www .tdk.co.jp/tefe02/coil.htm#aname1 and data library for circuit simulation http://www.tdk.co.jp/etvcl/index.htm for further information please contact your local epcos sales office or visit our webpage at w ww.epcos.com . published by epcos ag systems, acoustics, waves business group p.o. box 80 17 09, 81617 munich, germany ? epcos ag 2013. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or t he international representatives. due to technical requirements components may contain dangerous substances. for information on t he type in question please also contact one of our sales offices.
10 may 15, 2013 important notes t he following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product speci?cation is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as speci?ed. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-speci?c notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales of?ces. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product speci?cations. please check therefore to what extent product descriptions and speci?cations contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . conse- quently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-speci?c products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and services in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B3960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X